Part Number Hot Search : 
2SK2806 SCPHN16 V18LL ISL3172E F60B150 NE5105D N5245B WH1601L
Product Description
Full Text Search
 

To Download NRLR823M80V35X30F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Large Can Aluminum Electrolytic Capacitors
FEATURES * EXPANDED VALUE RANGE * LONG LIFE AT +85C (3,000 HOURS) * HIGH RIPPLE CURRENT * LOW PROFILE, HIGH DENSITY DESIGN * SUITABLE FOR SWITCHING POWER SUPPLIES SPECIFICATIONS RoHS Compliant
includes all homogeneous materials
NRLR Series
*See Part Number System for Details
Operating Temperature Range -40 ~ +85C -25 ~ +85C Rated Voltage Range 10 ~ 250Vdc 315 ~ 450Vdc Rated Capacitance Range 180 ~ 82,000F 56 ~ 1,000F Capacitance Tolerance 20% (M) Max. Leakage Current (A) 3 x C(F)V After 5 minutes (20C) W.V. (Vdc) 10 16 25 35 50 63 80 100 160~400 Max. Tan at 120Hz/20C 0.55 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 Tan max. W.V. (Vdc) 10 16 25 35 50 63 80 100 160 S.V. (Vdc) 13 20 32 44 63 79 100 125 200 Surge Voltage W.V. (Vdc) 200 220 250 315 350 385 400 420 450 S.V. (Vdc) 250 270 300 365 400 435 450 470 500 Frequency (Hz) 50 (60) 120 500 1K 10K> 10 ~ 100Vdc 0.90 1.00 1.05 1.10 1.15 Ripple Current Multiplier Correction Factors 160 ~ 250Vdc 0.80 1.00 1.20 1.30 1.50 at 85C 315 ~ 450Vdc 0.80 1.00 1.20 1.25 1.40 Temperature (C) 0 -25 -40 Low Temperature Capacitance Change -5% -15% -30% Stability (10 to 250Vdc) Impedance Ratio 1.5 3 12 Capacitance Change Within 20% of initial measured value Load Life Test Tan Less than 200% of specified maximum value 3,000 hours at +85C Leakage Current Less than specified maximum value Capacitance Change Within 20% of initial measured value Shelf Life Test 1,000 hours at +85C Tan Less than 200% of specified maximum value (no load) Leakage Current Less than specified maximum value Surge Voltage Test Capacitance Change Within 20% of initial measured value Per JIS-C-5141 (table #6, #4) Tan Less than 200% of specified maximum value Surge voltage applied: 30 seconds Leakage Current Less than specified maximum value "On" and 5.5 minutes no voltage "Off" Capacitance Change Within 10% of initial measured value Soldering Effect Refer to Tan Less than specified maximum value JISC5102.8.5 Leakage Current Less than specified maximum value
420~450 0.25 180 220 -
MECHANICAL CHARACTERISTICS: 1. Safety Vent: The capacitors are provided with a pressure sensitive safety vent on the top of can. The vent is designed to rupture in the event that high internal gas pressure is developed by circuit malfunction or mis-use like reverse voltage. 2. Terminal Strength: Each terminal of the capacitor shall withstand an axial pull force of 4.5Kg for a period 10 seconds or a radial bent force of 2.5Kg for a period of 30 seconds.
PART NUMBER SYSTEM NRLR 222 M 50V 20X25 S F
RoHS compliant Lead Length (S=4mm, L=6mm) Case Size (mm) Voltage Rating Tolerance Code Capacitance Code Series
Recommended PC Board Mounting Holes: = 2 0.1 Sleeve Color: Dark Blue Insulation Sleeve and Minus Polarity Marking D 0.5 D+1 Max. L2
(-) (+)
10 .1 Approx. 3.0mm
Can Top Safety Vent
Chassis
10 4.0 1 or 6.3 1
PC Board
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
MAXIMUM EXPANSION FOR SAFETY VENT Notice for Mounting The space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emergency.
150
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 10,000 12,000 15,000 Case Size 20x25 20x30 22x25 20x35 22x30 25x25 20x40 22x35 25x30 22x40 25x30 30x25 22x45 25x35 30x30 22x50 25x40 30x30 25x45 30x35 35x30 25x50 30x40 35x35 30x45 35x35 30x50 35x40 35x50 20x25 20x30 22x25 20x35 22x30 20x40 22x35 25x25 22x40 25x30 22x45 25x35 30x25 22x50 25x40 30x30 25x45 30x35 35x30 25x50 30x40 35x35 30x45 35x35 30x50 35x40 35x45 35x50 ESR ( @ 20C) 120Hz 0.092 0.076 0.076 0.061 0.061 0.061 0.051 0.051 0.051 0.042 0.042 0.042 0.034 0.034 0.034 0.028 0.028 0.028 0.024 0.024 0.024 0.020 0.020 0.020 0.017 0.017 0.014 0.014 0.012 0.102 0.083 0.083 0.070 0.070 0.056 0.056 0.056 0.047 0.047 0.038 0.038 0.038 0.031 0.031 0.031 0.026 0.026 0.026 0.022 0.022 0.022 0.018 0.018 0.015 0.015 0.013 0.011 20KHz 0.071 0.059 0.059 0.047 0.047 0.047 0.039 0.039 0.039 0.032 0.032 0.032 0.026 0.026 0.026 0.022 0.022 0.022 0.018 0.018 0.018 0.015 0.015 0.015 0.013 0.013 0.011 0.011 0.009 0.078 0.064 0.064 0.054 0.054 0.043 0.043 0.043 0.036 0.036 0.029 0.029 0.029 0.024 0.024 0.024 0.020 0.020 0.020 0.017 0.017 0.017 0.014 0.014 0.012 0.012 0.010 0.008 Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 2.22 2.55 2.44 2.80 2.41 2.77 2.90 3.33 2.88 3.31 2.88 3.31 3.31 3.80 3.32 3.81 3.08 3.54 3.79 4.35 3.66 4.20 3.58 4.11 4.04 4.64 4.04 4.64 3.99 4.58 4.58 5.26 4.56 5.24 4.58 5.26 5.29 6.08 5.21 5.99 5.05 5.80 5.78 6.64 5.78 6.64 5.55 6.38 6.59 7.57 6.40 7.36 7.50 8.62 7.48 8.60 8.50 9.77 2.56 2.94 2.85 3.27 2.85 3.27 3.20 3.68 3.20 3.68 3.70 4.25 3.70 4.25 3.70 4.25 3.98 4.57 3.98 4.57 4.52 5.19 4.52 5.19 4.52 5.19 4.98 5.72 4.98 5.72 4.98 5.72 5.49 6.31 5.49 6.31 5.49 6.31 6.11 7.02 6.11 7.02 6.11 7.02 6.80 7.82 6.80 7.82 7.62 8.76 7.62 8.76 8.45 9.71 9.14 10.51
NRLR Series
18,000
22,000
27,000 10 33,000
39,000
47,000 56,000 68,000 82,000 8,200 10,000 12,000 15,000 18,000 22,000 16
27,000
33,000
39,000 47,000 56,000 68,000 82,000
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
151
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 5,600 6,800 8,200 10,000 12,000 15,000 25 18,000 Case Size 20x25 20x30 22x25 20x35 22x30 20x40 22x35 25x25 22x40 25x30 22x45 25x35 30x25 22x50 25x40 30x30 25x45 30x35 35x30 25x50 30x40 35x35 30x45 35x40 30x50 35x45 35x50 20x25 20x30 20x35 22x25 20x40 22x30 25x25 22x35 25x30 22x40 25x30 30x25 22x45 25x35 30x30 22x50 25x40 30x30 25x45 30x35 35x30 30x45 35x40 35x45 35x50 ESR ( @ 20C) 120Hz 0.134 0.110 0.110 0.091 0.091 0.075 0.075 0.075 0.063 0.063 0.050 0.050 0.050 0.042 0.042 0.042 0.034 0.034 0.034 0.028 0.028 0.028 0.023 0.023 0.020 0.020 0.016 0.201 0.171 0.142 0.142 0.119 0.119 0.119 0.098 0.098 0.081 0.081 0.081 0.067 0.067 0.067 0.056 0.056 0.056 0.045 0.045 0.045 0.031 0.031 0.025 0.021 20KHz 0.103 0.085 0.085 0.070 0.070 0.058 0.058 0.058 0.048 0.048 0.039 0.039 0.039 0.032 0.032 0.032 0.027 0.027 0.027 0.022 0.022 0.022 0.018 0.018 0.015 0.015 0.013 0.155 0.131 0.109 0.109 0.092 0.092 0.092 0.076 0.076 0.063 0.063 0.063 0.052 0.052 0.052 0.043 0.043 0.043 0.035 0.035 0.035 0.024 0.024 0.019 0.016 Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 2.33 2.67 2.56 2.94 2.56 2.94 2.91 3.34 2.91 3.34 3.18 3.65 3.18 3.65 3.18 3.65 3.53 4.05 3.53 4.05 4.08 4.69 4.08 4.69 4.08 4.69 4.68 5.38 4.68 5.38 4.68 5.38 5.19 5.96 5.19 5.96 5.19 5.96 6.02 6.92 6.02 6.92 6.02 6.92 6.75 7.76 6.75 7.76 7.56 8.69 7.56 8.69 8.30 9.54 2.14 2.46 2.28 2.62 2.46 2.82 2.46 2.82 2.79 3.20 2.79 3.20 2.79 3.20 2.89 3.32 2.89 3.32 3.47 3.99 3.47 3.99 3.47 3.99 3.59 4.12 3.59 4.12 3.59 4.12 4.51 5.18 4.51 5.18 4.51 5.18 4.80 5.52 4.80 5.52 4.80 5.52 6.38 7.33 6.38 7.33 6.90 7.93 7.49 8.61
NRLR Series
22,000
27,000 33,000 39,000 47,000 3,300 3,900 4,700 5,600 6,800 8,200 35 10,000
12,000
15,000 22,000 27,000 33,000
(R)
152
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 2,200 2,700 3,300 3,900 4,700 5,600 50 6,800 8,200 10,000 12,000 15,000 18,000 1,500 1,800 2,200 2,700 3,300 3,900 63 4,700 5,600 6,800 8,200 10,000 12,000 Case Size 20x25 20x30 22x25 20x35 22x30 20x40 22x30 25x25 22x35 25x30 22x40 25x35 30x25 22x45 25x35 30x30 25x40 30x35 25x50 30x40 35x30 30x45 35x35 30x50 35x40 35x45 20x25 20x30 22x25 20x35 22x30 20x40 22x35 25x25 22x40 25x30 22x45 25x35 30x25 22x50 25x40 30x30 25x45 30x35 25x50 30x40 35x30 30x45 35x35 30x50 35x40 35x45 ESR ( @ 20C) 120Hz 0.264 0.215 0.215 0.176 0.176 0.149 0.149 0.149 0.124 0.124 0.104 0.104 0.104 0.086 0.086 0.086 0.071 0.071 0.059 0.059 0.059 0.049 0.049 0.039 0.039 0.033 0.332 0.277 0.277 0.227 0.227 0.185 0.185 0.185 0.151 0.151 0.128 0.128 0.128 0.106 0.106 0.106 0.089 0.089 0.074 0.074 0.074 0.061 0.061 0.050 0.050 0.042 20KHz 0.203 0.166 0.166 0.136 0.136 0.115 0.115 0.115 0.095 0.095 0.080 0.080 0.080 0.066 0.066 0.066 0.055 0.055 0.045 0.045 0.045 0.038 0.038 0.030 0.030 0.025 0.256 0.213 0.213 0.174 0.174 0.142 0.142 0.142 0.116 0.116 0.099 0.099 0.099 0.082 0.082 0.082 0.069 0.069 0.057 0.057 0.057 0.047 0.047 0.039 0.039 0.032 Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 2.07 2.38 2.21 2.54 2.21 2.54 2.41 2.77 2.41 2.77 2.72 3.12 2.72 3.12 2.72 3.12 3.01 3.46 3.01 3.46 3.43 3.94 3.43 3.94 3.43 3.94 3.94 4.53 3.94 4.53 3.94 4.53 4.37 5.02 4.37 5.02 5.02 5.77 5.02 5.77 5.02 5.77 5.60 6.44 5.60 6.44 6.44 7.40 6.44 7.40 6.71 7.71 1.69 1.94 2.04 2.34 2.04 2.34 2.40 2.76 2.40 2.76 2.52 2.89 2.52 2.89 2.52 2.89 2.69 3.09 2.69 3.09 3.10 3.56 3.10 3.56 3.10 3.56 3.49 4.01 3.49 4.01 3.49 4.01 3.81 4.38 3.81 4.38 4.41 5.07 4.41 5.07 4.41 5.07 4.90 5.63 4.90 5.63 5.49 6.31 5.49 6.31 6.30 7.24
NRLR Series
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
153
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 1,000 2,200 1,500 1,800 Case Size 20x25 20x30 22x25 20x30 22x30 20x35 22x30 25x25 20x40 22x35 25x30 22x40 25x35 30x25 22x45 25x35 30x30 25x40 30x35 25x45 30x40 35x30 30x45 35x35 30x45 35x40 35x40 35x50 20x25 20x30 22x25 20x30 22x30 20x35 22x30 25x25 20x40 22x35 25x30 22x40 25x30 30x25 22x45 25x35 30x30 25x40 30x30 25x50 30x35 35x30 30x40 35x35 30x45 35x40 35x45 35x50 ESR ( @ 20C) 120Hz 0.415 0.346 0.346 0.277 0.277 0.231 0.231 0.231 0.189 0.189 0.189 0.154 0.154 0.154 0.126 0.126 0.126 0.107 0.107 0.089 0.089 0.089 0.075 0.075 0.061 0.061 0.061 0.042 0.488 0.405 0.405 0.332 0.332 0.277 0.277 0.277 0.222 0.222 0.222 0.185 0.185 0.185 0.151 0.151 0.151 0.123 0.123 0.101 0.101 0.101 0.086 0.086 0.071 0.071 0.06 0.049 20KHz 0.319 0.266 0.266 0.213 0.213 0.178 0.178 0.178 0.145 0.145 0.145 0.119 0.119 0.119 0.097 0.097 0.097 0.082 0.082 0.068 0.068 0.068 0.057 0.057 0.047 0.047 0.047 0.032 0.376 0.312 0.312 0.256 0.256 0.213 0.213 0.213 0.171 0.171 0.171 0.142 0.142 0.142 0.116 0.116 0.116 0.095 0.095 0.078 0.078 0.078 0.066 0.066 0.055 0.055 0.046 0.038 Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 1.56 1.79 1.80 2.07 1.80 2.07 2.10 2.41 2.10 2.41 2.30 2.64 2.30 2.64 2.30 2.64 2.53 2.90 2.53 2.90 2.53 2.90 2.93 3.36 2.93 3.36 2.93 3.36 3.25 3.73 3.25 3.73 3.25 3.73 3.62 4.16 3.62 4.16 4.28 4.92 4.28 4.92 4.28 4.92 4.55 5.23 4.55 5.23 5.83 6.70 5.83 6.70 5.83 6.70 7.03 8.08 1.66 1.90 1.86 2.13 1.86 2.13 2.02 2.32 2.02 2.32 2.12 2.43 2.12 2.43 2.12 2.43 2.45 2.81 2.45 2.81 2.45 2.81 2.77 3.18 2.77 3.18 2.77 3.18 3.12 3.58 3.12 3.58 3.12 3.58 3.61 4.15 3.61 4.15 4.06 4.66 4.06 4.66 4.06 4.66 4.60 5.29 4.60 5.29 5.13 5.89 5.13 5.89 5.75 6.61 6.01 6.91
NRLR Series
2,200
2,700 80 3,300 3,900 4,700 5,600 6,800 8,200 10,000 680 820 1,000 1,200
1,500
1,800 100 2,200 2,700 3,300 3,900 4,700 5,600 6,800
(R)
154
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 270 330 390 470 Case Size ESR ( @ 20C) 120Hz 20KHz 20x25 0.922 0.709 20x25 0.754 0.580 20x30 0.638 0.491 22x25 0.638 0.491 20x30 0.53 0.408 22x30 0.53 0.408 25x25 0.53 0.408 20x35 0.445 0.342 22x30 0.445 0.342 25x25 0.445 0.342 20x40 0.366 0.282 22x35 0.366 0.282 25x30 0.366 0.282 30x25 0.366 0.282 22x40 0.304 0.234 25x30 0.304 0.234 30x25 0.304 0.234 22x45 0.249 0.192 25x35 0.249 0.192 30x30 0.249 0.192 25x40 0.208 0.160 30x30 0.208 0.160 35x30 0.208 0.160 25x50 0.166 0.128 30x35 0.166 0.128 35x30 0.166 0.128 30x40 0.139 0.107 35x35 0.139 0.107 30x50 0.114 0.087 35x40 0.114 0.087 35x45 0.093 0.071 20x25 0.922 0.709 20x30 0.754 0.580 22x25 0.754 0.580 20x30 0.638 0.491 22x25 0.638 0.491 20x35 0.530 0.408 22x30 0.530 0.408 25x25 0.530 0.408 20x40 0.445 0.342 22x35 0.445 0.342 25x25 0.445 0.342 22x35 0.366 0.282 25x30 0.366 0.282 30x25 0.366 0.282 22x40 0.304 0.234 25x35 0.304 0.234 30x25 0.304 0.234 22x50 0.249 0.192 25x40 0.249 0.192 30x30 0.249 0.192 25x45 0.208 0.160 30x35 0.208 0.160 35x30 0.208 0.160 30x40 0.166 0.128 35x35 0.166 0.128 180Vdc Continued next page Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 1.28 1.92 1.55 2.32 1.63 2.44 1.63 2.44 1.90 2.85 1.86 2.79 1.86 2.79 2.14 3.21 2.15 3.22 2.15 3.22 2.35 3.52 2.35 3.52 2.33 3.49 2.33 3.49 2.68 4.02 2.65 3.97 2.64 3.96 3.02 4.53 3.00 4.50 2.96 4.44 3.43 5.14 3.41 5.11 3.40 5.10 3.96 5.94 3.96 5.94 3.94 5.91 4.31 6.46 4.28 6.42 4.96 7.44 4.96 7.44 5.57 8.35 1.29 1.93 1.77 2.65 1.49 2.23 1.84 2.76 1.84 2.76 1.91 2.86 1.91 2.86 2.08 3.12 2.15 3.22 2.25 3.37 2.25 3.37 2.48 3.72 2.50 3.75 2.46 3.69 2.86 4.29 2.75 4.12 2.69 4.03 3.10 4.65 3.06 4.59 3.10 4.65 3.63 5.44 3.55 5.32 3.49 5.23 4.10 6.15 4.02 6.03
NRLR Series
560
680
160
820
1,000
1,200
1,500 1,800 2,200 2,700 270 330 390 470
560
180
680
820
1,000
1,200 1,500
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
155
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 1,800 180 2,200 2,700 220 270 330 390 Case Size ESR ( @ 20C) 120Hz 20KHz 30x45 0.139 0.107 35x35 0.139 0.107 35x40 0.114 0.087 35x50 0.093 0.071 20x25 1.131 0.870 20x25 0.922 0.709 22x25 0.922 0.709 20x30 0.754 0.580 22x25 0.754 0.580 20x35 0.638 0.491 22x30 0.638 0.491 25x25 0.638 0.491 20x35 0.530 0.408 22x30 0.530 0.408 25x25 0.530 0.408 20x40 0.445 0.342 22x35 0.445 0.342 25x30 0.445 0.342 30x25 0.445 0.342 22x40 0.366 0.282 25x30 0.366 0.282 30x25 0.366 0.282 22x45 0.304 0.234 25x35 0.304 0.234 30x30 0.304 0.234 22x50 0.249 0.192 25x40 0.249 0.192 30x35 0.249 0.192 25x45 0.208 0.160 30x35 0.208 0.160 35x30 0.208 0.160 30x45 0.166 0.128 35x35 0.166 0.128 30x50 0.139 0.107 35x40 0.139 0.107 35x45 0.114 0.087 20x25 1.131 0.870 20x30 0.922 0.709 22x25 0.922 0.709 20x35 0.754 0.580 22x30 0.754 0.580 20x35 0.638 0.491 22x30 0.638 0.491 25x25 0.638 0.491 20x40 0.530 0.408 22x35 0.530 0.408 25x30 0.530 0.408 22x40 0.445 0.342 25x35 0.445 0.342 30x25 0.445 0.342 22x45 0.366 0.282 25x35 0.366 0.282 30x30 0.366 0.282 220Vdc Continued on next page Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 4.55 6.82 4.54 6.81 4.83 7.24 5.3 7.95 1.19 1.78 1.39 2.08 1.37 2.05 1.56 2.34 1.51 2.26 1.74 2.61 1.73 2.59 1.71 2.56 2.03 3.04 1.97 2.95 1.95 2.92 2.18 3.27 2.18 3.27 2.15 3.22 2.15 3.22 2.48 3.72 2.48 3.72 2.48 3.72 2.81 4.21 2.79 4.18 2.75 4.12 3.28 4.92 3.28 4.92 3.15 4.72 3.61 5.41 3.61 5.41 3.57 5.35 4.13 6.19 4.06 6.09 4.60 6.90 4.59 6.88 5.25 7.87 1.23 1.84 1.46 2.19 1.42 2.13 1.64 2.46 1.59 2.38 1.79 2.68 1.80 2.70 1.75 2.62 2.12 3.18 2.06 3.09 2.08 3.12 2.22 3.33 2.38 3.57 2.18 3.27 2.62 3.93 2.56 3.84 2.52 3.78
NRLR Series
470
560
200
680
820
1,000
1,200 1,500 1,800 2,200 220 270 330 390 220 470
560
680
(R)
156
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) Case Size ESR ( @ 20C) 120Hz 20KHz 25x45 0.304 0.234 30x35 0.304 0.234 35x30 0.304 0.234 30x35 0.249 0.192 35x30 0.249 0.192 30x40 0.208 0.160 35x35 0.208 0.160 30x50 0.166 0.128 35x40 0.166 0.128 35x45 0.139 0.107 20x25 1.382 1.063 20x25 1.131 0.870 22x25 1.131 0.870 20x30 0.922 0.709 22x25 0.922 0.709 20x35 0.754 0.580 22x30 0.754 0.580 25x25 0.754 0.580 20x40 0.638 0.491 22x35 0.638 0.491 25x30 0.638 0.491 22x35 0.530 0.408 25x35 0.530 0.408 30x25 0.530 0.408 22x40 0.445 0.342 25x35 0.445 0.342 30x25 0.445 0.342 25x40 0.366 0.282 30x30 0.366 0.282 25x45 0.304 0.234 30x35 0.304 0.234 35x30 0.304 0.234 30x40 0.249 0.192 35x35 0.249 0.192 30x45 0.208 0.160 35x35 0.208 0.160 35x40 0.166 0.128 35x50 0.139 0.107 20x30 1.658 1.276 20x35 1.382 1.063 22x30 1.382 1.063 25x25 1.382 1.063 20x35 1.131 0.870 22x30 1.131 0.870 25x25 1.131 0.870 22x35 0.922 0.709 25x30 0.922 0.709 22x40 0.754 0.580 25x35 0.754 0.580 30x25 0.754 0.580 22x45 0.638 0.491 25x40 0.638 0.491 30x30 0.638 0.491 25x50 0.530 0.408 30x35 0.530 0.408 35x30 0.530 0.408 315Vdc Continued on next page Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 2.91 4.36 2.84 4.26 2.79 4.18 3.36 5.04 3.29 4.93 3.72 5.58 3.68 5.52 4.18 6.27 4.10 6.15 4.52 6.78 1.20 1.80 1.26 1.89 1.24 1.86 1.42 2.13 1.50 2.25 1.68 2.52 1.66 2.49 1.61 2.41 1.92 2.88 1.88 2.82 1.88 2.82 2.15 3.22 2.15 3.22 2.04 3.06 2.48 3.72 2.35 3.52 2.35 3.52 2.67 4.00 2.71 4.06 3.01 4.51 2.98 4.47 2.96 4.44 3.56 5.34 3.48 5.22 3.99 5.98 3.84 5.76 4.33 6.49 4.54 6.81 1.00 1.40 1.13 1.58 1.29 1.80 1.38 1.93 1.29 1.80 1.41 1.97 1.47 2.05 1.68 2.35 1.70 2.38 1.91 2.67 1.94 2.71 1.98 2.77 2.07 2.89 2.11 2.95 2.15 3.01 2.31 3.23 2.38 3.33 2.36 3.30
NRLR Series
820 1,000 220 1,200 1,500 1,800 180 220 270 330
390
470 250 560 680 820 1,000 1,200 1,500 1,800 150 180
220 270 315 330
390
470
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
157
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 560 315 680 820 1,000 120 150 Case Size ESR ( @ 20C) 120Hz 20KHz 30x35 0.445 0.342 35x30 0.445 0.342 30x45 0.366 0.282 35x35 0.366 0.282 30x50 0.304 0.234 35x40 0.304 0.234 35x45 0.249 0.192 20x30 2.073 1.595 22x25 2.073 1.595 20x30 1.658 1.276 22x30 1.658 1.276 25x25 1.658 1.276 20x35 1.382 1.063 22x30 1.382 1.063 25x25 1.382 1.063 22x35 1.131 0.870 25x30 1.131 0.870 30x25 1.131 0.870 22x40 0.922 0.709 25x35 0.922 0.709 30x25 0.922 0.709 22x45 0.754 0.580 25x35 0.754 0.580 30x30 0.754 0.580 25x40 0.638 0.491 30x35 0.638 0.491 35x30 0.638 0.491 25x50 0.530 0.408 30x35 0.530 0.408 35x30 0.530 0.408 30x40 0.445 0.342 35x35 0.445 0.342 30x50 0.366 0.282 35x40 0.366 0.282 35x45 0.304 0.234 35x50 0.249 0.192 20x25 3.658 2.814 20x30 3.033 2.333 22x25 3.033 2.333 20x30 2.487 1.913 22x30 2.487 1.913 20x35 2.073 1.595 22x30 2.073 1.595 25x25 2.073 1.595 20x35 1.658 1.276 22x35 1.658 1.276 25x30 1.658 1.276 20x40 1.382 1.063 22x35 1.382 1.063 25x30 1.382 1.063 30x25 1.382 1.063 22x40 1.131 0.870 25x35 1.131 0.870 30x30 1.131 0.870 22x50 0.922 0.709 25x40 0.922 0.709 30x30 0.922 0.709 385Vdc Continued on next page Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 2.63 3.68 2.69 3.76 2.80 3.92 3.05 4.27 3.28 4.59 3.45 4.83 3.57 4.99 0.96 1.34 1.04 1.45 1.10 1.54 1.20 1.68 1.22 1.70 1.24 1.73 1.34 1.87 1.37 1.91 1.47 2.05 1.53 2.14 1.54 2.15 1.70 2.38 1.73 2.42 1.80 2.52 1.87 2.61 1.97 2.75 2.03 2.84 2.14 2.99 2.23 3.12 2.30 3.22 2.55 3.57 2.53 3.54 2.55 3.57 2.73 3.82 2.75 3.85 3.15 4.41 3.15 4.41 3.47 4.85 3.60 5.04 0.68 0.95 0.74 1.03 0.76 1.06 0.86 1.2 0.89 1.24 0.96 1.34 0.98 1.37 1.02 1.42 1.10 1.54 1.12 1.56 1.14 1.59 1.27 1.77 1.27 1.77 1.30 1.82 1.37 1.91 1.42 1.98 1.48 2.07 1.49 2.08 1.60 2.24 1.61 2.25 1.64 2.29
NRLR Series
180
220
270 350 330
390
470 560 680 820 1,000 68 82 100 120
150 385 180
220
270
(R)
158
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) Case Size ESR ( @ 20C) Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 1.80 2.52 1.85 2.59 1.87 2.61 2.04 2.85 2.05 2.87 2.07 2.89 2.26 3.16 2.26 3.16 2.57 3.59 2.59 3.62 2.80 3.92 0.75 1.05 0.82 1.14 0.84 1.17 0.95 1.33 0.99 1.38 1.07 1.49 1.09 1.52 1.13 1.58 1.22 1.70 1.24 1.73 1.27 1.77 1.41 1.97 1.44 2.01 1.52 2.12 1.58 2.21 1.64 2.29 1.66 2.32 1.79 2.50 1.82 2.54 2.00 2.80 2.05 2.87 2.05 2.87 2.26 3.16 2.28 3.19 2.51 3.51 2.54 3.55 2.85 3.99 2.85 3.99 3.10 4.34 0.70 0.98 0.80 1.12 0.85 1.19 0.90 1.26 0.97 1.35 0.98 1.37 1.04 1.45 1.07 1.49 1.08 1.51 1.17 1.63 1.21 1.69 1.26 1.76 1.30 1.82 1.33 1.86 1.42 1.98 1.48 2.07
NRLR Series
330
390 385 470 560 680 68 82 100 120
150
180 400 220 270 330 390 470 560 680 68 82 100
420
120
150
180
120Hz 20KHz 25x45 0.754 0.580 30x35 0.754 0.580 35x30 0.754 0.580 25x50 0.638 0.491 30x40 0.638 0.491 35x35 0.638 0.491 30x45 0.530 0.408 35x35 0.530 0.408 30x50 0.445 0.342 35x40 0.445 0.342 35x45 0.366 0.282 20x25 3.658 2.814 20x30 3.033 2.333 22x25 3.033 2.333 20x30 2.487 1.913 22x30 2.487 1.913 20x35 2.073 1.595 22x30 2.073 1.595 25x25 2.073 1.595 20x40 1.658 1.276 22x35 1.658 1.276 25x30 1.658 1.276 22x40 1.382 1.063 25x30 1.382 1.063 30x25 1.382 1.063 22x45 1.131 0.870 25x35 1.131 0.870 30x30 1.131 0.870 25x40 0.922 0.709 30x30 0.922 0.709 25x45 0.754 0.580 30x35 0.754 0.580 35x30 0.754 0.580 30x40 0.638 0.491 35x35 0.638 0.491 30x45 0.530 0.408 35x40 0.530 0.408 30x50 0.445 0.342 35x40 0.445 0.342 35x50 0.366 0.282 20x25 6.096 4.689 20x30 5.055 3.889 22x25 5.055 3.889 20x35 4.145 3.189 22x30 4.145 3.189 25x25 4.145 3.189 20x35 3.454 2.657 22x30 3.454 2.657 25x25 3.454 2.657 20x40 2.764 2.126 22x35 2.764 2.126 25x30 2.764 2.126 30x25 2.764 2.126 22x40 2.303 1.772 25x35 2.303 1.772 30x25 2.303 1.772 420Vdc Continued on next page
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
159
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) Case Size 22x45 25x35 30x30 25x40 30x35 35x30 25x50 30x35 35x35 30x40 35x35 30x45 35x40 35x45 20x25 20x30 22x25 20x35 22x25 20x35 22x30 25x25 20x40 22x35 25x30 30x25 22x40 25x30 30x25 22x45 25x35 30x30 25x40 30x30 35x30 25x45 30x35 35x30 25x50 30x40 35x35 30x45 35x40 30x50 35x45 35x50 ESR ( @ 20C) 120Hz 1.884 1.884 1.884 1.536 1.536 1.536 1.256 1.256 1.256 1.063 1.063 0.882 0.882 0.741 7.402 6.096 6.096 5.055 5.055 4.145 4.145 4.145 3.454 3.454 3.454 3.454 2.764 2.764 2.764 2.303 2.303 2.303 1.884 1.884 1.884 1.536 1.536 1.536 1.256 1.256 1.256 1.063 1.063 0.882 0.882 0.741 20KHz 1.450 1.450 1.450 1.181 1.181 1.181 0.967 0.967 0.967 0.818 0.818 0.679 0.679 0.570 5.694 4.689 4.689 3.889 3.889 3.189 3.189 3.189 2.657 2.657 2.657 2.657 2.126 2.126 2.126 1.772 1.772 1.772 1.450 1.450 1.450 1.181 1.181 1.181 0.967 0.967 0.967 0.818 0.818 0.679 0.679 0.570 Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 1.55 2.17 1.58 2.21 1.65 2.31 1.74 2.43 1.90 2.66 1.94 2.71 2.20 3.08 1.98 2.77 2.17 3.03 2.22 3.10 2.27 3.17 2.50 3.50 2.61 3.65 2.95 4.13 0.61 0.85 0.70 0.98 0.71 0.99 0.80 1.12 0.86 1.20 0.88 1.23 0.95 1.33 0.97 1.35 0.99 1.38 1.07 1.49 1.09 1.52 1.12 1.56 1.18 1.65 1.25 1.75 1.29 1.80 1.32 1.84 1.40 1.96 1.45 2.03 1.59 2.22 1.64 2.29 1.66 2.32 1.73 2.42 1.89 2.64 1.90 2.66 2.12 2.96 2.12 2.96 2.15 3.01 2.35 3.29 2.38 3.33 2.65 3.71 2.68 3.75 2.88 4.03
Terminal Thickness is 0.8mm S1 S2 A B
NRLR Series
220
270 420
330 390 470 560 56 68 82 100
120
150 450
180
220
270
330 390 470 560
Polarity Marking
Insulation Sleeve
PCB Holes D
E
Sleeve Color: Dark Blue
L 2.0 Max. Can Top Vent D 1.0
C S1 = Terminal Spacing10mm ref. S2 = PCB Hole Spacing10mm 0.1mm Top of Spin
4.0mm - Standard Lead Length 6.0mm - Optional Lead Length
TERMINAL DIMENSIONS (mm)
Terminal Length S = 4.0 L = 6.0 A 2.0 max. B 0.9 0.1 C 1.5 0.1 D E 1.5 0.3 4.0 0.50 2.7 0.3 6.0 1.00
(R)
160
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRLR823M80V35X30F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X